PART |
Description |
Maker |
ISL22313UFU10Z ISL22313 ISL22313TFU10Z ISL22313WFU |
Single Digitally Controlled Potentiometer (XDCP), Low Noise, Low Power, I-2CBus, 256 Taps Single Digitally Controlled Potentiometer (XDCP? Single Digitally Controlled Potentiometer XDCP
|
Intersil Corporation
|
X9315WSIT1 X9315WST1 X9315WSIZ X9315WSIZT1 X9315WS |
Digitally Controlled Potentiometer (XDCP™); Temperature Range: 0°C to 70°C; Package: 8-SOIC T&R Digitally Controlled Potentiometer (XDCP™); Temperature Range: -40°C to 85°C; Package: 8-MSOP T&R 100K DIGITAL POTENTIOMETER, INCREMENT/DECREMENT CONTROL INTERFACE, 32 POSITIONS, PDSO8 Digitally Controlled Potentiometer (XDCP?
|
Intersil, Corp. Intersil Corporation
|
ISL9084106 ISL90841WIV1427Z ISL90841UIV1427Z |
Quad Digitally Controlled Potentiometers (XDCP? Quad Digitally Controlled Potentiometers (XDCP⑩)
|
INTERSIL[Intersil Corporation]
|
X93256WV14I-2.7T1 X93256UV14I-2.7 |
Dual Digitally Controlled Potentiometers (XDCPs™); Temperature Range: -40°C to 85°C; Package: 14-TSSOP T&R DUAL 12.5K DIGITAL POTENTIOMETER, INCREMENT/DECREMENT CONTROL INTERFACE, 32 POSITIONS, PDSO14 Dual Digitally Controlled Potentiometers(XDCPs?
|
Intersil, Corp. Intersil Corporation
|
ISL22317 ISL22317TFRTZ ISL22317UFRTZ ISL22317WFRTZ |
Precision Single Digitally Controlled Potentiometer (XDCP? Precision Single Digitally Controlled Potentiometer (XDCP垄芒)
|
Intersil Corporation
|
EPA1130G-44 EPA1130-350 EPA1130G-75 EPA1130G-250 E |
Quad Digitally Controlled (XDCP) Potentiometers; Temperature Range: 0°C to 70°C; Package: 24-TSSOP Quad, 64 Tap, Digitally Controlled Potentiometer (XDCP); Temperature Range: 0°C to 70°C; Package: 24-SOIC Quad Digitally Controlled (XDCP) Potentiometers; Temperature Range: -40°C to 85°C; Package: 24-SOIC Tapped Delay Line Quad, 64 Tap, Digitally Controlled Potentiometer (XDCP); Temperature Range: -40°C to 85°C; Package: 24-TSSOP Quad Digitally Controlled (XDCP™) Potentiometers; Temperature Range: 0°C to 70°C; Package: 24-TSSOP 抽头延迟
|
Sony, Corp.
|
X93156UM8I-2.7 X93156UM8IZ-2.7 X93156WM8IZ-2.7T1 X |
Single Digitally Controlled Potentiometer (XDCP? Low Noise, Low Power, 3 wire Up/Down, 32 Taps Single Digitally Controlled Potentiometer (XDCP?
|
Intersil Corporation
|
EP9604G-32 EP9604G-36 EP9604G-800 EP9604G-600 EP96 |
Dual Digitally Controlled (XDCP) Potentiometers; Temperature Range: -40°C to 85°C; Package: 24-SOIC Dual Digitally Controlled (XDCP) Potentiometers; Temperature Range: 0°C to 70°C; Package: 24-SOIC Dual Digitally Controlled (XDCP) Potentiometers; Temperature Range: 0°C to 70°C; Package: 24-TSSOP Quad Digitally Controlled (XDCP™)Potentiometers; Temperature Range: 0°C to 70°C; Package: 24-TSSOP 延迟线|定额丝锥| 1线| 5,技术咨询|混合|双酯| 14PIN |塑料 DELAY LINE|FIXED TAPS|1-LINE|5-TAP|HYBRID|DIP|14PIN|PLASTIC 延迟线|定额丝锥| 1线| 5,技术咨询|混合|双酯| 14PIN |塑料 Dual Digitally Controlled (XDCP™) Potentiometers; Temperature Range: -40°C to 85°C; Package: 24-SOIC 延迟线|定额丝锥| 1线| 5,技术咨询|混合|双酯| 14PIN |塑料
|
NXP Semiconductors N.V.
|
EPA1825-10 EPA1825-100 EPA1825-11 EPA1825-12 EPA18 |
Single Digitally Controlled (XDCP™) Potentiometer; Temperature Range: 0°C to 70°C; Package: 14-TSSOP DELAY LINE|FIXED TAPS|3-LINE|1-TAP|HYBRID|DIP|14PIN|PLASTIC 延迟线|定额丝锥| 3线| 1 -技术咨询|混合|双酯| 14PIN |塑料 Tapped Delay Line 抽头延迟 Single Digitally Controlled Potentiometer (XDCP); Temperature Range: 0°C to 70°C; Package: 14-TSSOP Single Digitally Controlled Potentiometer (XDCP); Temperature Range: -40°C to 85°C; Package: 16-SOIC 14 Pin DIP High Precision Triple Output TTL Compatible Active Delay Lines
|
Analog Devices, Inc. NXP Semiconductors N.V. PCA ELECTRONICS INC.
|
QQ-28 QQ-28-10T QQ-12 |
500 MHz - 1000 MHz, 0 deg - 360 deg RF/MICROWAVE DIGITALLY CONTROLLED PH SHFTR 100 MHz - 200 MHz, 45 deg - 45 deg RF/MICROWAVE DIGITALLY CONTROLLED PH SHFTR
|
|